Part Number Hot Search : 
AD7701SQ 00020 SAA7205 BCP69 NTE8125 16C15 2N440 F10D3
Product Description
Full Text Search
 

To Download IRFZ48L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 1 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power mosfet features ? advanced process technology ? surface mount (irfz48s, sihfz48s) ? low-profile through-hole (IRFZ48L, sihfz48l) ? 175 c operating temperature ?fast switching ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? * this datasheet provides information about parts that are ? rohs-compliant and / or parts th at are non-rohs-compliant. for ? example, parts with lead (pb) te rminations are not rohs-compliant. ? please see the information / tables in this datasheet for details. description third generation power mosfets from vishay utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ru ggedized device design that power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. ? the d 2 pak is a surface mount po wer package capable of accommodating die sizes up to hex-4. it provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resi stance and can dissipate up to 2 w in a typical surface mount application. ? the through-hole version (IRFZ48L, sihfz48l) is available for low-profile applications. note a. see device orientation. notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. v dd = 25 v, starting t j = 25 c, l = 22 h, r g = 25 ? , i as = 72 a (see fig. 12). c. i sd ? 72 a, di/dt ? 200 a/s, v dd ? v ds , t j ? 175 c. d. 1.6 mm from case. e. uses irfz48, sihfz48 da ta and test conditions. f. calculated continuous cu rrent based on maximum allo wable junction temperature. product summary v ds (v) 60 r ds(on) ( ? )v gs = 10 v 0.018 q g (max.) (nc) 110 q gs (nc) 29 q gd (nc) 36 configuration single n-channel mosfet g d s d 2 pak (to-263) g d s i 2 pak (to-262) g d s available available ordering information package d 2 pak (to-263) i 2 pak (to-262) lead (pb)-free and halogen-free sihfz48s-ge3 sihfz48l-ge3 lead (pb)-free irfz48spbf - absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 60 v gate-source voltage v gs 20 continuous drain current f v gs at 10 v t c = 25 c i d 50 a t c = 100 c 50 pulsed drain current a, e i dm 290 linear derating factor 1.3 w/c single pulse avalanche energy b, e e as 100 mj maximum power dissipation t c = 25 c p d 190 w t a = 25 c 3.7 peak diode recovery dv/dt c, e dv/dt 4.5 v/ns operating junction and storage temperature range t j , t stg -55 to +175 c soldering recommendations (peak temperature) d for 10 s 300
irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 2 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note a. when mounted on 1" square pcb (fr-4 or g-10 material). ? notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. pulse width ? 300 s; duty cycle ? 2 %. c. uses irfz48/sihfz48 data and test conditions. d. calculated continuous cu rrent based on maximum allo wable junction temperature. thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient ? (pcb mount) a r thja -40 c / w maximum junction-to-case (drain) r thjc -0.8 specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0, i d = 250 a 60 - - v v ds temperature coefficient ? v ds /t j reference to 25 c, i d = 1 ma c -0.060-v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = 60 v, v gs = 0 v - - 25 a v ds = 48 v, v gs = 0 v, t j = 150 c - - 250 drain-source on-sta te resistance r ds(on) v gs = 10 v i d = 43 a b - - 0.018 ? forward transconductance g fs v ds = 25 v, i d = 43 a b 27 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 c - 2400 - pf output capacitance c oss - 1300 - reverse transfer capacitance c rss - 190 - total gate charge q g v gs = 10 v i d = 72 a, v ds = 48 v, see fig. 6 and 13 b, c --110 nc gate-source charge q gs --29 gate-drain charge q gd --36 turn-on delay time t d(on) v dd = 30 v, i d = 72 a, r g = 9.1 ? , r d = 0.34 ? , see fig. 10 b, c -8.1- ns rise time t r - 250 - turn-off delay time t d(off) - 210 - fall time t f - 250 - internal source inductance l s between lead, and center of die contact - 7.5 - nh drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol ? showing the ? integral reverse ? p - n junction diode --50 c a pulsed diode forward current a i sm --290 body diode voltage v sd t j = 25 c, i s = 72 a, v gs = 0 v b --2.0v body diode reverse recovery time t rr t j = 25 c, i f = 72 a, di/dt = 100 a/s b, c - 120 180 ns body diode reverse recovery charge q rr - 500 800 c forward turn-on time t on intrinsic turn-on time is negligible (turn-on is dominated by l s and l d ) s d g
irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 3 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (25 c, unless otherwise noted) fig. 1 - typical output characteristics fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature
irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 4 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area
irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 5 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - maximum drain curre nt vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveform fig. 11 - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f r g i as 0.01 t p d.u.t. l v ds + - v dd 10 v var y t p to obtain required i as i as v ds v dd v ds t p
irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 6 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 12c - maximum avalanche energy vs. drain current fig. 13a - maximum avalanche energy vs. drain current fig. 13b - gate charge test circuit q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v current regulator current sampling resistors same type as d.u.t. + -
irfz48s, IRFZ48L, sihfz48s, sihfz48l www.vishay.com vishay siliconix s15-1659-rev. d, 20-jul-15 7 document number: 90377 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 14 - for n-channel ? ? ? ? ? ? ? ? ? ? vishay siliconix maintains worldw ide manufacturing ca pability. products may be manufactured at one of several qualified locatio ns. reliability da ta for silicon technology and package reliability represent a composite of all qu alified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?90377 . p.w. period di/dt diode recovery dv/dt ripple 5 % body diode forward drop re-applied voltage rever s e recovery current body diode forward current v gs = 10 v a i s d driver gate drive d.u.t. l s d waveform d.u.t. v d s waveform inductor current d = p.w. period + - + + + - - - peak dio d e recovery d v/ d t test circuit v dd ? dv/dt controlled by r g ? driver s ame type a s d.u.t. ? i s d controlled by duty factor d ? d.u.t. - device under te s t d.u.t. circuit layout con s ideration s ? low s tray inductance ? g round plane ? low leakage inductance current tran s former r g note a. v gs = 5 v for logic level device s v dd
document number: 91364 www.vishay.com revision: 15-sep-08 1 package information vishay siliconix to-263ab (high voltage) notes 1. dimensioning and toler ancing per asme y14.5m-1994. 2. dimensions are shown in millimeters (inches). 3. dimension d and e do not include mold flash. mold flash shal l not exceed 0.127 mm (0.005") per side. these dimensions are me asured at the outmost extremes of the plastic body at datum a. 4. thermal pad contour optional within dimension e, l1, d1 and e1. 5. dimension b1 and c1 apply to base metal only. 6. datum a and b to be determined at datum plane h. 7. outline conforms to jedec outline to to-263ab. 5 4 1 3 l1 l2 d b b e h b a detail a a a c c2 a 2 x e 2 x b 2 2 x b 0.010 a b mm 0.004 b m base metal plating b 1, b 3 ( b , b 2) c1 (c) section b - b and c - c scale: none lead tip 4 34 (dat u m a) 2 c c b b 5 5 v ie w a - a e1 d1 e 4 4 b h seating plane ga u ge plane 0 to 8 detail ?a? rotated 90 cw scale 8 :1 l3 a1 l4 l millimeters inches millimeters inches dim. min. max. min. max. dim. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 - 0.270 - a1 0.00 0.25 0.000 0.010 e 9.65 10.67 0.380 0.420 b 0.51 0.99 0.020 0.039 e1 6.22 - 0.245 - b1 0.51 0.89 0.020 0.035 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 c1 0.38 0.58 0.015 0.023 l2 - 1.78 - 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.38 9.65 0.330 0.380 l4 4.78 5.28 0.188 0.208 ecn: s-82110-rev. a, 15-sep-08 d w g: 5970
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of IRFZ48L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X